Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Figure 17. Transceiver operation with timeout
RF field
Data
Tx data
NRT
MRT
Receiver
I_txe
Interrupts
I_nre
MS71324
Figure 18. Transceiver operation with nrt_emd=0
RF field
Data
Tx data
Rx data
NRT
MRT
Receiver
I_txe
I_rxs
I_rxe
Interrupts
.
.
.
MS71325
Figure 19. Transceiver operation with nrt_emd=1
RF field
Data
Tx data
Rx data
NRT
MRT
Receiver
I_txe
I_rxs
I_rxe
Interrupts
I_nre
MS71326
5.10.1
ISO 14443A/NFC-A short frames
ISO14443A/NFC-A short frames (REQA/SENS_REQ and WUPA/ALL_REQ) are transmitted in the same manner
via the FIFO. The number of data to be sent shall be defined to zero bytes and seven bits. As the response to
these requests (ATQA/SENS_RES), does not contain CRC, the bit rx_crc shall be cleared.
5.10.2
Bit-oriented anticollision
In order to receive bit-oriented anticollision frames, the bit antcl has to be set.
For ISO14443A/NFC_A bit oriented anticollision, the bit rx_nbtx shall be set so that nbtx<2:0> define the position
of the first bit in the first byte in consecutive reception.
Bit-oriented anticollision can be performed for both ISO14443A/NFC-A and ISO15693/NFC-V. When bit antcl is
set:
•
Level coll_lvl is used to detect colliding bits
•
Detected collision is signaled via IRQ with the flag I_col
ST25R200
Application information
DS13658 - Rev 2
page 22/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com