Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 33Page - STMicroelectronics ST25R200 Datasheet HTML 34Page - STMicroelectronics ST25R200 Datasheet HTML 35Page - STMicroelectronics ST25R200 Datasheet HTML 36Page - STMicroelectronics ST25R200 Datasheet HTML 37Page - STMicroelectronics ST25R200 Datasheet HTML 38Page - STMicroelectronics ST25R200 Datasheet HTML 39Page - STMicroelectronics ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
5.14.7
Rx analog register 1
Address: 06h
Type: RW
Domain: PD
Table 17. Rx analog register 1
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
1
-
5
RFU
0
-
4
RFU
1
-
3
RFU
0
-
-
2
RFU
0
-
-
1
hpf_ctrl1
1
00: 80 kHz
01: 160 kHz
10: 240 kHz
11: 380 kHz
Analogue 1st and 3rd stage HPF setting (2nd stage: LPF, 2nd order, 2 MHz)
0
hpf_ctrl0
1
5.14.8
Rx analog register 2
Address: 07h
Type: RW
Domain: PD
Table 18. Rx analog register 2
Bit
Name
Default
Function
Comment
7
afe_gain_rw3
0
Start gain in RW mode
-
6
afe_gain_rw2
0
5
afe_gain_rw1
0
4
afe_gain_rw0
0
3
afe_gain_td3
1
Gain in WU mode/measurements
-
2
afe_gain_td2
0
1
afe_gain_td1
0
0
afe_gain_td0
0
Table 19. Gain in RW mode
afe_gain_rw<3:0>
afe_gain_rw3
afe_gain_rw2
afe_gain_rw1
afe_gain_rw0
Total gain (dB)
0
0
0
0
0
46
1
0
0
0
1
43
2
0
0
1
0
40
3
0
0
1
1
37
4
0
1
0
0
34
5
0
1
0
1
31
6
0
1
1
0
28
ST25R200
Application information
DS13658 - Rev 2
page 37/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com