Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics ST25R200 Datasheet HTML 62Page - STMicroelectronics ST25R200 Datasheet HTML 63Page - STMicroelectronics ST25R200 Datasheet HTML 64Page - STMicroelectronics ST25R200 Datasheet HTML 65Page - STMicroelectronics ST25R200 Datasheet HTML 66Page - STMicroelectronics ST25R200 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
5.14.59
IRQ mask register 2
Address: 3Ah
Type: RW
Domain: RD
Table 77. IRQ mask register 2
Bit
Name
Default
Function
Comment
7
M_gpe
0
Mask IRQ due to general purpose timer expire
-
6
M_nre
0
Mask IRQ due to No-response timer expire
-
5
RFU
0
-
-
4
RFU
0
-
-
3
M_crc
0
Mask IRQ due to CRC error
-
2
M_par
0
Mask IRQ due to parity error
-
1
M_hfe
0
Mask IRQ due to hard framing error
-
0
M_sfe
0
Mask IRQ due to soft framing error
-
5.14.60
IRQ mask register 3
Address: 3Bh
Type: RW
Domain: PD
Table 78. IRQ mask register 3
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
M_dct
0
Mask IRQ due to termination of direct command
-
3
M_wuq
0
Mask IRQ due to wake-up Q-channel measurement
-
2
M_wui
0
Mask IRQ due to wake-up I-channel measurement
-
1
M_wut
0
Mask IRQ due to wake-up timer
-
0
M_osc
0
Mask IRQ due to oscillator ready
-
ST25R200
Application information
DS13658 - Rev 2
page 63/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com