Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
•
IRQ when the latest measurement is above the upper limit: i/q_adc > i/q_ref + i/q_diff
•
IRQ when the latest measurement is in between the upper and lower limit: i/q_ref – i/q_diff ≤ i/q_adc ≤ i/
q_ref + i/q_diff
•
IRQ when the latest measurement is below the lower limit: i/q_adc < i/q_ref - i/q_diff
In case the bits i_tdi_en<2:0> = 0, the I channel is not used during WU, and the same applies for the Q channel
when q_tdi_en<2:0> = 0.
5.13
Transparent mode
Standard or custom 13.56 MHz RFID reader protocols not supported by the ST25R200 framing system can be
implemented directly through the AFE via the transparent mode, where the framing is implemented on the host
side.
After sending the direct command transparent mode, the external host directly controls the transmission
modulator and gets the receiver output (control logic becomes “transparent”).
The transparent mode is entered on the rising edge of signal BSS after sending the command transparent mode.
Before executing the direct command transparent mode the transmitter and receiver must be turned on and the
AFE configured properly.
While in transparent mode the AFE is controlled directly through the SPI interface:
Table 4. Signals in transparent mode
Pin
Description
MOSI
Transmitter modulation - high is modulator on
SCLK
Enable reception (rx_on) - high enables reception chain and AGC
MISO
In case dis_corr=0, correlator data output (sum of I+Q)
In case dis_corr=1, output of receiver I reception chain (digitized subcarrier signal)
IRQ
In case dis_corr=0, correlator start signal (subcarrier detected)
In case dis_corr=1, output of receiver Q reception chain (digitized subcarrier signal)
ST25R200
Application information
DS13658 - Rev 2
page 25/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com