Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 13Page - STMicroelectronics ST25R200 Datasheet HTML 14Page - STMicroelectronics ST25R200 Datasheet HTML 15Page - STMicroelectronics ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
Writing of data to addressable registers (write mode)
The following figures show cases of writing a single byte and writing multiple bytes with auto-incrementing
address. After the SPI operation direction bit, the address of the register to be written is provided. Then one or
more data bytes are transferred from the SPI, always from the MSB to the LSB. The data byte is written in the
register on the falling edge of its last clock. In the event that the communication is terminated by setting BSS high
before an 8-bit packet composing one byte is sent, the writing of this register is not performed. In case the register
on the defined address does not exist or it is a read only register no write is performed.
Figure 9. SPI communication: writing of single byte
0
A6
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
Data is moved to
Address
BSS rising
edge signals
end of
WRITE Mode
‘0’ Write
BSS
SCLK
MOSI
Figure 10. SPI communication: writing of multiple bytes
BSS
SCLK
MOSI
0
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved
to Address
<A6-A0> + n
BSS rising edge
signals end of
WRITE Mode
‘0’ Write
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved
to Address
<A6-A0> + (n-1)
Data is moved
to Address
<A6-A0> + 1
Data is
moved to
Address
<A6-A0>
A
6
Reading of data from addressable registers (read mode)
After the SPI operation direction bit, the address of the register to be read has to be provided from the MSB to the
LSB. Then one or more data bytes are transferred to the MISO output, always from the MSB to the LSB.
Analogous to the write mode, also the read mode supports auto-incrementing address.
MOSI is sampled at the falling edge of SCLK (like shown in the following diagrams), data to be read from the
device internal register is driven to the MISO pin on the rising edge of SCLK and is sampled by the master at the
falling edge of SCLK.
In case the register on the defined address does not exist, all 0 data is sent to MISO.
ST25R200
Application information
DS13658 - Rev 2
page 17/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com