Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics ST25R200 Datasheet HTML 31Page - STMicroelectronics ST25R200 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
5.14.1
Operation register
Address: 00h
Type: RW
Domain: PD
Table 6. Operation register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
tx_en
0
1: Enables Tx operation
Enables field transmission
4
rx_en
0
1: Enables Rx operation
-
3
am_en
0
1: Enables AM regulator
-
2
RFU
0
-
-
1
en(1)
0
1: Enables ready mode (RD)
-
0
wu_en(1)
0
1: Enables wake-up mode (WU)
-
1. The transition between modes follows the sequence described in Section 5.1: Operating modes.
5.14.2
General configuration register
Address: 01h
Type: RW
Domain: PD
Table 7. General configuration register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
sink_mode
0
0: AM sink via main loop
1: AM sink via separate loop
-
5
single
0
0: Differential antenna driving
1: Single ended antenna driving
In the single ended, only one
RFO driver is used.
4
rfo2
0
0: RFO1, RFI1
1: RFO2, RFI2
When singe=1, defines the
RFO/RFI pair to use.
3
miso_pd2
0
1: Pull down on MISO, when BSS is low and MISO is not driven by
the device
-
2
miso_pd1
0
1: Pull down on MISO when BSS is high
-
1
RFU
0
-
-
0
reg_s
0
0: Regulated voltages are defined by the result of the adjustment of
the regulators command
1: Regulated voltages are defined by rege<4:0> bits
-
ST25R200
Application information
DS13658 - Rev 2
page 28/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com