Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics ST25R200 Datasheet HTML 31Page - STMicroelectronics ST25R200 Datasheet HTML 32Page - STMicroelectronics ST25R200 Datasheet HTML 33Page - STMicroelectronics ST25R200 Datasheet HTML 34Page - STMicroelectronics ST25R200 Datasheet HTML 35Page - STMicroelectronics ST25R200 Datasheet HTML 36Page - STMicroelectronics ST25R200 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
5.14.6
Tx modulation register 2
Address: 05h
Type: RW
Domain: PD
Table 15. Tx modulation register 2
Bit
Name
Default
Function
Comment
7
am_ref_sel
0
0: AM reg. reference internally generated
1: AM reg. reference from VDD_DR
-
6
md_res6
0
Resistive modulation (see Table 16)
-
5
md_res5
0
4
md_res4
0
3
md_res3
0
2
md_res2
0
1
md_res1
0
0
md_res0
0
Table 16. Resistive AM modulated state driver output resistance
md_res<6:0> md_res6 md_res5 md_res4 md_res3 md_res2 md_res1 md_res0
Driver output resistance RRFO
(normalized)(1)
0
0
0
0
0
0
0
0
1.004
1
0
0
0
0
0
0
1
1.02
2
0
0
0
0
0
1
0
1.036
3
0
0
0
0
0
1
1
1.053
4
0
0
0
0
1
0
0
1.071
5
0
0
0
0
1
0
1
1.089
6
0
0
0
0
1
1
0
1.108
7
0
0
0
0
1
1
1
1.128
8
0
0
0
1
0
0
0
1.148
9
0
0
0
1
0
0
1
1.169
10
0
0
0
1
0
1
0
1.191
11
0
0
0
1
0
1
1
1.213
12
0
0
0
1
1
0
0
1.237
13
0
0
0
1
1
0
1
1.261
14
0
0
0
1
1
1
0
1.286
15
0
0
0
1
1
1
1
1.313
16
0
0
1
0
0
0
0
1.34
17
0
0
1
0
0
0
1
1.369
18
0
0
1
0
0
1
0
1.399
19
0
0
1
0
0
1
1
1.43
20
0
0
1
0
1
0
0
1.463
21
0
0
1
0
1
0
1
1.497
22
0
0
1
0
1
1
0
1.533
ST25R200
Application information
DS13658 - Rev 2
page 33/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com