Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R200 Datasheet HTML 1Page - STMicroelectronics ST25R200 Datasheet HTML 2Page - STMicroelectronics ST25R200 Datasheet HTML 3Page - STMicroelectronics ST25R200 Datasheet HTML 4Page - STMicroelectronics ST25R200 Datasheet HTML 5Page - STMicroelectronics ST25R200 Datasheet HTML 6Page - STMicroelectronics ST25R200 Datasheet HTML 7Page - STMicroelectronics ST25R200 Datasheet HTML 8Page - STMicroelectronics ST25R200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Features
Operating modes
Reader/writer
RF communication
ISO14443A/NFC-A at 106 kbit/s
ISO14443B/NFC-B at 106 kbit/s
ISO15693/NFC-V up to 53 kbit/s
NFC Forum T1T, T2T, T4T, and T5T tag types
Proprietary protocols, such as Kovio, CTS, and B’
Low level modes to implement MIFARE Classic® compliant or other custom
protocols
Key features
Improved low power card detection based on inductive wake-up
High output power with dynamic power output (DPO)
Active wave shaping (AWS) with overshoot/undershoot protection
Option to connect two independent single-ended antennas
Integrated EMD handling
Adjustable ASK modulation depth
Automatic gain control and squelch feature to maximize SNR (signal-to-noise
ratio)
Integrated regulators to boost system PSRR
Measurement of antenna characteristics (I/Q channels)
256-byte FIFO
External communication interfaces
Serial peripheral interface (SPI) up to 10 Mbit/s
Electrical characteristics
Supply voltage range: from 2.7 to 5.5 V
Peripheral communication supply range: from 2.7 to 5.5 V
Antenna driver voltage range, up to 6 Vp
Quartz oscillator capable of operating with 27.12 MHz crystal with fast startup
Package
UFQFPN24 is ECOPACK2 compliant
UFQFPN24
(4 x 4 mm)
Product status link
ST25R200
NFC/HF RFID reader IC
ST25R200
Datasheet
DS13658 - Rev 2 - June 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ST25R200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R100 STMICROELECTRONICS-ST25R100 Datasheet
976Kb / 86P
NFC/HF RFID reader IC
25-Jun-2024
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
AM/PM demodulator
15-Nov-2016
ST25R3910 STMICROELECTRONICS-ST25R3910 Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
ST25R3910-BQFT STMICROELECTRONICS-ST25R3910-BQFT Datasheet
1Mb / 65P
AM/PM demodulator
08-Feb-2017
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
21-Nov-2016
More results

Similar Description - ST25R200

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
Texas Instruments
TRF79XXA TI1-TRF79XXA Datasheet
806Kb / 7P
HF-RFID Reader Layout Design Guide
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
ELATEC GmbH
T4BT-BB2BEL6 ELATEC-T4BT-BB2BEL6 Datasheet
231Kb / 4P
TWN4 MultiTech 2 LEGIC LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
T4BT-FB2BEL2-LCCID ELATEC-T4BT-FB2BEL2-LCCID Datasheet
212Kb / 3P
TWN4 MultiTech 2 HF PCSC Single-frequency PC/SC RFID reader (HF) with NFC support
11/2023
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
T4BT-FB2BEL6 ELATEC-T4BT-FB2BEL6 Datasheet
227Kb / 4P
TWN4 MultiTech 2 LF HF Multi-frequency RFID reader (LF/HF) with NFC support
11/2023
T4FK-BBFRLM7 ELATEC-T4FK-BBFRLM7 Datasheet
264Kb / 3P
TWN4 USB Front Reader LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com