Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 53Page - STMicroelectronics ST25R200 Datasheet HTML 54Page - STMicroelectronics ST25R200 Datasheet HTML 55Page - STMicroelectronics ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
5.14.45
I-Channel WU display ADC register
Address: 2Ch
Type: RO
Domain: PD
Table 63. I-Channel WU display ADC register
Bit
Name
Default
Function
Comment
7
i_adc7
0
8bit signed ADC part
Range: -128 to 127
-
6
i_adc6
0
5
i_adc5
0
4
i_adc4
0
3
i_adc3
0
2
i_adc2
0
1
i_adc1
0
0
i_adc0
0
5.14.46
I-Channel WU reference register
Address: 2Dh
Type: RO
Domain: PD
Table 64. I-Channel WU reference register
Bit Name Default
Function
Comment
7
i_ref7
0
8-bit signed reference
Range: -128 to 127
If iq_aaref = 1 the reference is automatically calculated, and this register is RO.
When iq_aaref = 0 the reference shall be set manually, and this register
becomes RW
6
i_ref6
0
5
i_ref5
0
4
i_ref4
0
3
i_ref3
0
2
i_ref2
0
1
i_ref1
0
0
i_ref0
0
5.14.47
I-Channel WU display calibration register
Address: 2Eh
Type: RO
Domain: PD
Table 65. I-Channel WU display calibration register
Bit
Name
Default
Function
Comment
7
i_cal7
1
8-bit unsigned calibration result
-
6
i_cal6
0
5
i_cal5
0
4
i_cal4
0
3
i_cal3
0
ST25R200
Application information
DS13658 - Rev 2
page 57/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com