Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
A FIFO underflow is set when data was read from an empty FIFO.
When this bit is set during reception, the host read more data than was actually received.
When an underflow happens during transmission, it means that the controller has failed to provide the quantity of
data defined in the number of transmitted bytes registers on time.
FIFO pointers and FIFO status are reset at the start of each data reception (I_rxs). They are also reset at power-
up and by commands set default and clear FIFO. Reading out data from empty/cleared FIFO shows data as
zeros.
5.9
Timers
Several timers are integrated in the device to eliminate the need to runtime critical tasks with counters/timers on
the host side, sampling system integration and improve its portability.
Each timer has one or more associated configuration registers in which the timeout duration and different
operating modes are defined. These configuration registers have to be set while the corresponding timer is not
running. Any modification of timer configuration while the timer is active may result in unpredictable behavior.
All timers can be stopped by the stop all activities direct command.
Mask receive timer (MRT)
This timer blocks the receiver and reception process in framing logic by keeping the rx_on signal low after the end
of transmission during the time that the tag reply is not expected.
While the mask receive timer is running the squelch can be automatically turned on.
The MRT does not produce an IRQ.
The MRT timeout is configured in the MRT SQT configuration register and MRT registers. It is automatically
started at the end of data transmission (at the end of EOF). In case MRT = 0 the timer does not run at the end of
transmission and the receiver remains blocked.
Additionally, the MRT can be triggered by starting the MRT direct command.
No-response timer (NRT)
The NRT is intended to observe whether a Tag/Listener response was detected within a configured time frame,
starting from the end of data transmission.
The IRQ with I_nre flag is triggered at the NRT timeout.
The NRT is configured by writing the NRT1/2 and NRT GPT configuration registers.
The NRT is started at the end of data transmission (at the end of EOF).
Bit nrt_step configures the time step of the no-response timer. Two steps are available, 64/fc (4.72 μs), which
covers range up to 309 ms and 4096/fc, which covers range up to 19.8 s.
NRT supports two operating modes controlled by bit nrt_emd:
•
When nrt_emd=0 (default mode), the IRQ is produced in case the NRT expires before a start of a Tag/
Listener reply is detected. Additionally, the rx_on is set low to disable the receiver.
In the opposite case, when the start of a tag reply is detected before the timeout, the timer is stopped, and
no IRQ is produced.
•
When nrt_emd=1 the NRT unconditionally produces an IRQ when it expires. This means that IRQ is
independent from whether or not a tag reply was detected.
When a tag reply is being processed during a timeout, no other action is taken and the reply is normally
received.
In the opposite case, when no tag response is being processed additionally the receiver is disabled.
Additionally, the NRT can be started using the direct command start NRT. The intention of this command is to
extend the NRT timeout. In case this command is sent while the timer is running, it is reset and restarted.
The NRT can be terminated using the direct command stop NRT or stop all activities. The timer is terminated and
no IRQ is sent. It is expected to be used when nrt_emd=1, where an incoming reception does not stop the NRT.
General purpose timer (GPT)
The GPT can be used for multiple purposes, as it allows it to be triggered manually or by several other trigger
sources. It can be used to measure the duration of the reception process (triggering by start of reception, after
SOF), or to time out the reader frame after the tag’s reception (triggered by end of reception, after EOF).
ST25R200
Application information
DS13658 - Rev 2
page 20/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com