Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics ST25R200 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
Type
Address(hex)
Register name
Power domain
Timers
1B
MRT SQT Config
RD
1C
MRT
RD
1D
SQT
RD
1E
NRT GPT Config
RD
1F
NRT1
RD
20
NRT2
RD
21
GPT1
RD
22
GPT2
RD
Display
23
Display 3
PD
24
Display 4
PD
Protection
25
Over/Undershoot protection configuration
RD
26
Overshoot pattern
RD
27
Undershoot pattern
RD
Wake-up
28
WU control
PD
29
WU control 2
PD
2A
I-Channel WU configuration
PD
2B
I-channel WU difference
PD
2C
I-channel WU display ADC part
PD
2D
I-Channel WU reference
PD
2E
I-channel WU display calibration
PD
2F
Q-Channel WU Config.
PD
30
Q-channel WU difference
PD
31
Q-channel WU display ADC part
PD
32
Q-Channel WU reference
PD
33
Q-channel WU display calibration
PD
Tx/Rx frame
34
Tx frame 1
RD
35
Tx frame 2
RD
36
FIFO status 1
RD
37
FIFO status 2
RD
38
Collision
RD
IRQ mask
39
IRQ mask 1
RD
3A
IRQ mask 2
RD
3B
IRQ mask 3
PD
IRQ status
3C
IRQ status 1
RD
3D
IRQ status 2
RD
3E
IRQ status 3
PD
Identity
3F
IC identity
PD
ST25R200
Application information
DS13658 - Rev 2
page 27/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com