Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 79 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 75Page - STMicroelectronics ST25R200 Datasheet HTML 76Page - STMicroelectronics ST25R200 Datasheet HTML 77Page - STMicroelectronics ST25R200 Datasheet HTML 78Page - STMicroelectronics ST25R200 Datasheet HTML 79Page - STMicroelectronics ST25R200 Datasheet HTML 80Page - STMicroelectronics ST25R200 Datasheet HTML 81Page - STMicroelectronics ST25R200 Datasheet HTML 82Page - STMicroelectronics ST25R200 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
8
Ordering information
Table 97. Ordering information scheme
Example:
ST25
R
200
-B
ME
T
Device type
ST25 = NFC/RFID tags and readers
Product type
R = NFC/HF reader
Product feature
200 = NFC reader for consumer and industrial
Ambient temperature range
B = -40 °C to 85 °C
Package/Packaging
ME = 24-pin UFQFPN (4 x 4 mm) with no wettable flanks
Tape and reel
T = 5000 pcs/reel
Note:
For a list of available options (speed, package, etc.) or for further information on any aspect of this device,
contact your nearest ST sales office.
Note:
Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet qualified and
therefore not approved for use in production. ST is not responsible for any consequences resulting from such
use. In no event will ST be liable for the customer using any of these engineering samples in production. ST’s
Quality department must be contacted prior to any decision to use these engineering samples to run a
qualification activity.
ST25R200
Ordering information
DS13658 - Rev 2
page 79/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com