Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 68Page - STMicroelectronics ST25R200 Datasheet HTML 69Page - STMicroelectronics ST25R200 Datasheet HTML 70Page - STMicroelectronics ST25R200 Datasheet HTML 71Page - STMicroelectronics ST25R200 Datasheet HTML 72Page - STMicroelectronics ST25R200 Datasheet HTML 73Page - STMicroelectronics ST25R200 Datasheet HTML 74Page - STMicroelectronics ST25R200 Datasheet HTML 75Page - STMicroelectronics ST25R200 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
6.3
DC/AC characteristics for digital inputs and outputs
Table 91. Characteristics of CMOS I/Os
Type
Symbol
Parameter
Condition
Min(1)
Typ(2)
Max(1)
Unit
Input(3)
VIH
High level input
VDD = 2.7 - 5.5 V
VDD_IO = 2.7 - 5.5 V
0.8 * VDD_IO
-
-
V
VIL
Low level input voltage
VDD = 2.7 - 5.5 V
VDD_IO = 2.7 - 5.5 V
-
-
0.2 * VDD_IO
ILEAK
Input leakage current
VDD_IO = 2.7 - 5.5 V
-
-
10
µA
Output
VOH
High level output voltage
VDD_IO = 3.3 V
ISOURCE = 1 mA
0.9 * VDD_IO
-
-
V
VOL
Low level output voltage
VDD_IO = 3.3 V
ISOURCE = 1 mA
-
-
0.1 * VDD_IO
CL
Capacitive load(2)
VDD = 2.7 - 5.5 V
VDD_IO = 2.7-5.5 V
-
-
50
pF
RO
Output resistance
VDD = 2.7 - 5.5 V
VDD_IO = 2.7-5.5 V
-
60
160
Ω
RPD
Pull-down resistance pin MISO
VDD = 2.7 - 5.5 V
VDD_IO = 2.7 - 5.5 V
-
10
-
kΩ
1. Tested in production at 25 °C.
2. Evaluated by characterization - not tested in production.
3. Pins BSS, MOSI, SCLK, and RESET.
ST25R200
Electrical characteristics
DS13658 - Rev 2
page 72/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com