Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics ST25R200 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
Table 35. ISO15693 modulation pulse width
p_len<3:0>
p_len3
p_len2
p_len1
p_len0
Pulse width in number of 1/fc
7
0
1
1
1
128
6
0
1
1
0
124
5
0
1
0
1
120
4
0
1
0
0
116
3
0
0
1
1
112
2
0
0
1
0
108
1
0
0
0
1
104
0
0
0
0
0
100
15
1
1
1
1
96
14
1
1
1
0
92
13
1
1
0
1
88
12
1
1
0
0
84
11
1
0
1
1
80
10
1
0
1
0
76
9
1
0
0
1
72
8
1
0
0
0
68
5.14.21
Protocol transmission register 2
Address: 14h
Type: RW
Domain: RD
Table 36. Protocol transmission register 2
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
b_tx_sof_0
0
0: 10 etu
1: 11 etu
SOF, number of etu with logic 0
2
b_tx_sof_1
0
0: 2 etu
1: 3 etu
SOF, number of etu with logic 1
1
b_tx_eof
0
0: 10 etu
1: 11 etu
EOF, number of etu with logic 0
0
b_tx_half
0
1: SOF 10.5, 2.5, EOF: 10.5
Sets SOF and EOF settings in middle of specification
ST25R200
Application information
DS13658 - Rev 2
page 45/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com