Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 6Page - STMicroelectronics ST25R200 Datasheet HTML 7Page - STMicroelectronics ST25R200 Datasheet HTML 8Page - STMicroelectronics ST25R200 Datasheet HTML 9Page - STMicroelectronics ST25R200 Datasheet HTML 10Page - STMicroelectronics ST25R200 Datasheet HTML 11Page - STMicroelectronics ST25R200 Datasheet HTML 12Page - STMicroelectronics ST25R200 Datasheet HTML 13Page - STMicroelectronics ST25R200 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Figure 5. System diagram – two single-ended antenna driving
MCU
2.7 V - 5.5 V
2.7 V - 5.5 V
Antenna 1
coil
ST25R200
VDD
BSS
MISO
MOSI
SCLK
IRQ
RFO1
RFO2
RFI1
RFI2
TAD1
VDD_AM
VDD_IO
VDD_D
GND_D
VDD_DR
TAD2
GND_DR
XTI
XTO
AGD
VSS (EP)
VDD_A
GND_A
RESET
Antenna 2
coil
ST25R200
Device description
DS13658 - Rev 2
page 10/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com