Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R200 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST25R200
Description  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 67Page - STMicroelectronics ST25R200 Datasheet HTML 68Page - STMicroelectronics ST25R200 Datasheet HTML 69Page - STMicroelectronics ST25R200 Datasheet HTML 70Page - STMicroelectronics ST25R200 Datasheet HTML 71Page - STMicroelectronics ST25R200 Datasheet HTML 72Page - STMicroelectronics ST25R200 Datasheet HTML 73Page - STMicroelectronics ST25R200 Datasheet HTML 74Page - STMicroelectronics ST25R200 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
6
Electrical characteristics
6.1
Absolute maximum ratings
Any stress beyond the limits listed in Table 89, Table 90, and Table 91 may cause permanent damage to the
device. These are stress ratings only.
Functional operation of the device at these or any other conditions beyond those indicated in Table 89 is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table 89. Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
VDD(1)
Positive supply voltage
-0.3
6
V
VDD_IO(1)
Peripheral communication supply voltage
-0.3
6
VGND(1)
Negative supply voltage
-0.3
0.3
VRFO(2)
Maximum voltage on RFO1 and RFO2
-
6
VP
ISCR
Input current (latch-up immunity) according to JESD78
-100
100
mA
IVDD_LDO
Maximum driver current using internal voltage regulator
-
250(3)
ESD voltage
Electrostatic discharge voltage according to JS-001,human body model
-
2000
V
Tstrg
Storage temperature
-65
150
°C
Tbody
Package body temperature according to IPC/JEDEC J-STD-020(4)
-
260
TJun
Junction temperature
-40
125
-
Humidity non-condensing
5
85
%
1. Referenced to VSS.
2. Implementation of the ST25R200 must be done such whatever the condition (loaded or unloaded) the voltage does not
exceed this value.
3. Provide good thermal management to ensure that junction temperature remains below the specified value.
4. Reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices”.
6.2
Operating conditions
Table 90. Operating conditions
Symbol
Parameter
Min
Max
Unit
VDD(1)
Positive supply voltage
2.7
5.5
V
VDD_IO(1)
Peripheral communication supply voltage (pin 3)
2.7
5.5
VPIO(1)
Voltage for peripheral IO communication (pins: 1, 2, 21, 22, 23, and 24)
2.7
5.5
VP5V(1)
Pin voltage (pins: 6, 8, 9, 10, 12, and 13) in the 5 V domain
0
5.5
VP3V(1)
Pin voltage (pins: 14, 15, 16, 17, 19, and 20) in the 3 V domain
0
3.6
VP1V(1)
Pin voltage (pin 5) in the 1 V domain
0
1.4
VRFI_A
RFI input amplitude(2)
0.15
3
VPP
TJun
Junction temperature
-40
125
°C
TAmb
Ambient temperature range
-40
85
°C
1. Referenced to VSS.
2. In NFC/HF reader mode, the recommended signal level is 2.5 VPP.
ST25R200
Electrical characteristics
DS13658 - Rev 2
page 71/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com