Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88180 Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88180 Datasheet HTML 11Page - ASIX Electronics Corporation AX88180 Datasheet HTML 12Page - ASIX Electronics Corporation AX88180 Datasheet HTML 13Page - ASIX Electronics Corporation AX88180 Datasheet HTML 14Page - ASIX Electronics Corporation AX88180 Datasheet HTML 15Page - ASIX Electronics Corporation AX88180 Datasheet HTML 16Page - ASIX Electronics Corporation AX88180 Datasheet HTML 17Page - ASIX Electronics Corporation AX88180 Datasheet HTML 18Page - ASIX Electronics Corporation AX88180 Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
AX88180
15
ASIX ELECTRONICS CORPORATION
4.0 Register Description
There are some registers located from 0xFC00 to 0xFCFF. All of the registers are 32-bit boundary alignment, but only
low 16-bit are available (exception 0xFC54). For reserved bits, don’t set them in normal operation.
Table 7: MAC Register Mapping
Offset
Name
Description
Default value
0xFC00
CMD
Command Register
0x0000_0201
0xFC04
IMR
Interrupt Mask Register
0x0000_0000
0xFC08
ISR
Interrupt Status Register
0x0000_0000
0xFC10
TX_CFG
TX Configuration Register
0x0000_0040
0xFC14
TX_CMD
TX Command Register
0x0000_0000
0xFC18
TXBS
TX Buffer Status Register
0x0000_0000
0xFC20
TXDES0
TX Descriptor0 Register
0x0000_0000
0xFC24
TXDES1
TX Descriptor1 Register
0x0000_0000
0xFC28
TXDES2
TX Descriptor2 Register
0x0000_0000
0xFC2C
TXDES3
TX Descriptor3 Register
0x0000_0000
0xFC30
RX_CFG
RX Configuration Register
0x0000_0101
0xFC34
RXCURT
RX Current Pointer Register
0x0000_0000
0xFC38
RXBOUND
RX Boundary Pointer Register
0x0000_07FF
0xFC40
MAC_CFG0
MAC Configuration0 Register
0x0000_8157
0xFC44
MAC_CFG1
MAC Configuration1 Register
0x0000_6000
0xFC48
MAC_CFG2
MAC Configuration2 Register
0x0000_0100
0xFC4C
MAC_CFG3
MAC Configuration3 Register
0x0000_060E
0xFC54
TXPAUT
TX Pause Time Register
0x001F_E000
0xFC58
RXBTHD0
RX Buffer Threshold0 Register
0x0000_0300
0xFC5C
RXBTHD1
RX Buffer Threshold1 Register
0x0000_0600
0xFC60
RXFULTHD
RX Buffer Full Threshold Register
0x0000_0100
0xFC68
MISC
Misc. Control Register
0x0000_0013
0xFC70
MACID0
MAC ID0 Register*
0x0000_0000
0xFC74
MACID1
MAC ID1 Register*
0x0000_0000
0xFC78
MACID2
MAC ID2 Register*
0x0000_0000
0xFC7C
TXLEN
TX Length Register
0x0000_05FC
0xFC80
RXFILTER
RX Packet Filter Register
0x0000_0004
0xFC84
MDIOCTRL
MDIO Control Register
0x0000_0000
0xFC88
MDIODP
MDIO Data Port Register
0x0000_0000
0xFC8C
GPIO_CTRL
GPIO Control Register*
0x0000_0003
0xFC90
RXINDICATOR
Receive Indicator Register
0x0000_0000
0xFC94
TXST
TX Status Register
0x0000_0000
0xFCA0
MDCLKPAT
MDC Clock Pattern Register
0x0000_8040
0xFCA4
RXCHKSUMCNT
RX IP/UDP/TCP Checksum Error Counter
0x0000_0000
0xFCA8
RXCRCNT
RX CRC Error Counter
0x0000_0000
0xFCAC
TXFAILCNT
TX Fail Counter
0x0000_0000
0xFCB0
PROMDPR
EEPROM Data Port Register
0x0000_0000
0xFCB4
PROMCTRL
EEPROM Control Register
0x0000_0000
0xFCB8
MAXRXLEN
MAX. RX packet Length Register
0x0000_0600
0xFCC0
HASHTAB0
Hash Table0 Register*
0x0000_0000
0xFCC4
HASHTAB1
Hash Table1 Register*
0x0000_0000
0xFCC8
HASHTAB2
Hash Table2 Register*
0x0000_0000
0xFCCC
HASHTAB3
Hash Table3 Register*
0x0000_0000
0xFCE0
DOGTHD0
Watch Dog Timer Threshold0 Register
0x0000_FFFF
0xFCE4
DOGTHD1
Watch Dog Timer Threshold1 Register
0x0000_0000
0xFCEC
SOFTRST
Software Reset Register
0x0000_0003
*Note: It is not affected by software reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com