Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88180 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88180
Description  High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88180 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88180 Datasheet HTML 1Page - ASIX Electronics Corporation AX88180 Datasheet HTML 2Page - ASIX Electronics Corporation AX88180 Datasheet HTML 3Page - ASIX Electronics Corporation AX88180 Datasheet HTML 4Page - ASIX Electronics Corporation AX88180 Datasheet HTML 5Page - ASIX Electronics Corporation AX88180 Datasheet HTML 6Page - ASIX Electronics Corporation AX88180 Datasheet HTML 7Page - ASIX Electronics Corporation AX88180 Datasheet HTML 8Page - ASIX Electronics Corporation AX88180 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AX88180
ASIX ELECTRONICS CORPORATION
Released Date: 5/18/2007
4F, NO.8, Hsin Ann Rd., Hsinchu Science Park, Hsinchu, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
High-Performance Non-PCI
32-bit 10/100/1000M Gigabit Ethernet Controller
Document No: AX88180/V1.4
Features
High-performance non-PCI local bus
16/32-bit SRAM-like host interface
Support big/little endian data bus type
Large embedded SRAM for packet buffers
32K bytes for receive buffer
8K bytes for transmit buffer
Support IP/TCP/UDP checksum offloads
Support interrupt with high or low active trigger
mode
Highly-integrated Gigabit Ethernet controller
Compatible with IEEE802.3, 802.3u, and 802.3ab
standards
Support 10/100/1000Mbps data rate
Support full duplex operation with 1000Mbps data
rate
Support full and half duplex operations with
10/100Mbps date rate
Support 10/100/1000Mbps N-way Auto-negotiation
operation
Support IEEE 802.3x flow control for full-duplex
operation
Support 10/100/1000Mbps data rate with RGMII
or MII in 10/100Mbps data rate.
Support back-pressure flow control for half-duplex
operation
Support packet length set by software
Support max 4K bytes JUMBO packet
Support Wake-on-LAN function by following events
Detection of network link-up state
Receipt of a Magic Packet
Support Magic Packet detection for remote wake-up
after power–on reset
Support EEPROM interface
Support PCMCIA in 16-bit mode
Support synchronous or asynchronous mode to host
MCU
Integrated voltage regulator from 3.3V to 2.5V
2.5V for core and 3.3V I/O with 5V tolerance
128-pin LQFP with CMOS process, RoHS package
US patent approved (NO 6799231)
Product Description
The AX88180 is a high-performance and cost-effective non-PCI Gigabit Ethernet controller for various embedded
systems including consumer electronics and home network markets that require a higher bandwidth of network
connectivity. The AX88180 supports 16/32-bit SRAM-like host interface and Gigabit Ethernet MAC, which is
IEEE802.3 10Base-T, IEEE802.3u 100Base-T, and IEEE802.3ab 1000Base-T compatible. The AX88180 supports
full-duplex or half-duplex operation at 10/100/1000Mbps speed with auto-negotiation or manual setting. The AX88180
integrates large embedded SRAM for packet buffers to accommodate high bandwidth applications and supports
IP/TCP/UDP checksum to offload processing loading from microprocessor/microcontroller in an embedded system
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product
specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent
accompany the sale of the product.


Similar Part No. - AX88180

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
Fast Ethernet MAC Controller
AX88140AP ASIX-AX88140AP Datasheet
467Kb / 46P
Fast Ethernet MAC Controller
AX88140AQ ASIX-AX88140AQ Datasheet
467Kb / 46P
Fast Ethernet MAC Controller
AX88141 ASIX-AX88141 Datasheet
297Kb / 43P
100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
AX88170L ASIX-AX88170L Datasheet
316Kb / 39P
USB to Fast Ethernet/HomePNA Controller
More results

Similar Description - AX88180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780 Datasheet
2Mb / 49P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780_07 Datasheet
453Kb / 55P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
ASIX Electronics Corpor...
AX88179 ASIX-AX88179 Datasheet
271Kb / 2P
USB 3.0 tp 10/100/1000M Gigabit Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Realtek Semiconductor C...
RTL8153-VB-CG REALTEK-RTL8153-VB-CG Datasheet
572Kb / 34P
INTEGRATED 10/100/1000M ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com