Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 52Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 53Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 239 page
background image
Bootstrap loader
ST10F276Z5
56/239
5.3.3
ST10 Configuration in UART BSL (RS232 or K-Line)
When the ST10F276Z5 enters BSL mode on UART, the configuration shown in Table 31 is
automatically set (values that deviate from the normal reset values are marked in bold).
Other than after a normal reset, the watchdog timer is disabled, so the bootstrap loading
sequence is not time limited. Pin TxD0 is configured as output, so the ST10F276Z5 can
return the acknowledge byte. Even if the internal IFLASH is enabled, a code cannot be
executed from it.
5.3.4
Loading the start-up code
After sending the acknowledge byte, the BSL enters a loop to receive 32 bytes via ASC0.
These bytes are stored sequentially into locations 00’FA40H through 00’FA5FH of the IRAM,
allowing up to 16 instructions to be placed into the RAM area. To execute the loaded code
the BSL then jumps to location 00’FA40H, that is, the first loaded instruction. The bootstrap
loading sequence is now terminated; however, the device remains in BSL mode. The initially
loaded routine will most probably load additional code or data, as an average application is
likely to require substantially more than 16 instructions. This second receive loop may
directly use the pre-initialized interface ASC0 to receive data and store it in arbitrary user-
defined locations.
This second level of loaded code may be
●
the final application code
●
another, more sophisticated, loader routine that adds a transmission protocol to
enhance the integrity of the loaded code or data
●
a code sequence to change the system configuration and enable the bus interface to
store the received data into external memory
Table 31.
ST10 configuration in UART BSL mode (RS232 or K-line)
Function or register
Access
Notes
Watchdog timer
Disabled
Register SYSCON
0400H
(1)
1.
In Bootstrap modes (standard or alternate) ROMEN, bit 10 of SYSCON, is always set regardless of EA pin
level. BYTDIS, bit 9 of SYSCON, is set according to data bus width selection via Port0 configuration.
Context Pointer CP
FA00H
Register STKUN
FA00H
Stack Pointer SP
FA40H
Register STKOV
FC00H
Register BUSCON0
access to startup
configuration(2)
2.
BUSCON0 is initialized with 0000h, external bus disabled, if pin EA is high during reset. If pin EA is low
during reset, BUSACT0, bit 10, and ALECTL0, bit 9, are set enabling the external bus with lengthened ALE
signal. BTYP field, bit 7 and 6, is set according to Port0 configuration.
Register S0CON
8011H
Initialized only if Bootstrap via UART
Register S0BG
access to ‘00’ byte
Initialized only if Bootstrap via UART
P3.10 / TXD0
‘1’
Initialized only if Bootstrap via UART
DP3.10
‘1’
Initialized only if Bootstrap via UART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com