Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 80Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 81Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 82Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 83Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 84Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 85Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 86Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 87Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 239 page
background image
Capture / compare (CAPCOM) units
ST10F276Z5
84/239
Mode 3
Pin set ‘1’ on match; pin reset ‘0’ on compare time overflow; only one compare event per timer
period is generated
Double Register
mode
Two registers operate on one pin; pin toggles on each compare match; several compare
events per timer period are possible.
Table 44.
Compare modes (continued)
Compare modes
Function
Table 45.
CAPCOM timer input frequencies, resolutions and periods at 40 MHz
fCPU = 40 MHz
Timer Input Selection TxI
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler for fCPU
8
16
32
64
128
256
512
1024
Input Frequency
5 MHz
2.5 MHz
1.25 MHz
625 kHz
312.5 kHz
156.25
kHz
78.125
kHz
39.1 kHz
Resolution
200 ns
400 ns
0.8 µs
1.6 s
3.2 µs
6.4 µs
12.8 µs
25.6 µs
Period
13.1 ms
26.2 ms
52.4 ms
104.8 ms
209.7 ms
419.4 ms
838.9 ms
1.678 s
Table 46.
CAPCOM timer input frequencies, resolutions and periods at 64 MHz
fCPU = 64 MHz
Timer Input Selection TxI
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler for fCPU
8
16
32
64
128
256
512
1024
Input Frequency
8 MHz
4 MHz
2 MHz
1 kHz
500 kHz
250 kHz
128 kHz
64 kHz
Resolution
125 ns
250 ns
0.5 µs
1.0 µs
2.0 µs
4.0 µs
8.0 µs
16.0 µs
Period
8.2 ms
16.4 ms
32.8 ms
65.5 ms
131.1 ms
262.1 ms
524.3 ms
1.049 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com