Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 239 page
background image
Internal Flash memory
ST10F276Z5
30/239
4.4.2
Flash control register 0 high
The Flash control register 0 high (FCR0H) together with the Flash control register 0 Low
(FCR0L) is used to enable and to monitor all the write operations for both the Flash
modules. The user has no access in write mode to the Test-Flash (B0TF). Besides, test-
Flash block is seen by the user in Bootstrap mode only.
LOCK
Flash registers access locked
When this bit is set, it means that the access to the Flash Control Registers FCR0H/-
FCR1H/L, FDR0H/L-FDR1H/L, FARH/L and FER is locked by the FPEC: any read
access to the registers will output invalid data (software trap 009Bh) and any write
access will be ineffective. LOCK bit is automatically set when the Flash bit WMS is set.
This is the only bit the user can always access to detect the status of the Flash: once it
is found low, the rest of FCR0L and all the other Flash registers are accessible by the
user as well.
Note that FER content can be read when LOCK is low, but its content is updated only
when also BSY bits are reset.
BSY(1:0)
Bank 1:0 Busy (IFLASH)
These bits indicate that a write operation is running in the corresponding Bank of
IFLASH. They are automatically set when bit WMS is set. When these bits are set
every read access to the corresponding Bank will output invalid data (software trap
009Bh), while every write access to the Bank will be ignored. At the end of the write
operation or during a Program or Erase Suspend these bits are automatically reset
and the Bank returns to read mode. After a Program or Erase Resume these bits are
automatically set again.
Table 7.
Flash control register 0 low (continued)
Bit
Function
FCR0H (0x0E 0002)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
WMS
SUSP
WPG DWPG
SER
Reserved
SPR
SMOD
Reserved
RW
RW
RW
RW
RW
RW
RW
Table 8.
Flash control register 0 high
Bit
Function
SMOD
Select module
If this bit is reset, the Write Operation is performed on XFLASH Module; if this bit is
set, the Write Operation is performed on IFLASH Module. SMOD bit is automatically
reset at the end of the Write operation.
SPR
Set protection
This bit must be set to select the Set Protection operation. The Set Protection
operation allows to program 0s in place of 1s in the Flash Non Volatile Protection
Registers. The Flash Address in which to program must be written in the FARH/L
registers, while the Flash Data to be programmed must be written in the FDR0H/L
before starting the execution by setting bit WMS. A sequence error is flagged by bit
SEQER of FER if the address written in FARH/L is not in the range 0x0EDFB0-
0x0EDFBF. SPR bit is automatically reset at the end of the Set Protection operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com