Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 36Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 37Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 38Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 239 page
background image
ST10F276Z5
Internal Flash memory
35/239
4.4.7
Flash data register 1 low
4.4.8
Flash data register 1 high
4.4.9
Flash address register low
FDR1L (0x0E 000C)
FCR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
DIN15 DIN14 DIN13 DIN12 DIN11 DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 14.
Flash data register 1 low
Bit
Function
DIN(15:0)
Data Input 15:0
These bits must be written with the Data to program the Flash with the following
operations: Word Program (32-bit), Double Word Program (64-bit) and Set Protection.
FDR1H (0x0E 000E)
FCR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
DIN31 DIN30 DIN29 DIN28 DIN27 DIN26 DIN25 DIN24 DIN23 DIN22 DIN21 DIN20 DIN19 DIN18 DIN17 DIN16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 15.
Flash data register 1 high
Bit
Function
DIN(31:16)
Data input 31:16
These bits must be written with the data to program the Flash with the following
operations: word program (32-bit), double word program (64-bit) and set protection.
FARL (0x0E 0010)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
ADD15 ADD14 ADD13 ADD12 ADD11 ADD10 ADD9
ADD8
ADD7
ADD6
ADD5
ADD4
ADD3
ADD2
reserved
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 16.
Flash address register low
Bit
Function
ADD(15:2)
Address 15:2
These bits must be written with the address of the Flash location to program in the
following operations: word program (32-bit) and double word program (64-bit). In
double word program bit ADD2 must be written to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com