Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 36Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 239 page
background image
ST10F276Z5
Internal Flash memory
33/239
4.4.4
Flash control register 1 high
The Flash control register 1 high (FCR1H), together with Flash control register 1 low
(FCR1L), is used to select the sectors to erase, or during any write operation to monitor the
status of each sector and each bank of the module selected by SMOD bit of FCR0H. First
diagram shows FCR1H meaning when SMOD=0; the second one when SMOD=1.
During any erase operation, these bits are automatically set and give the status of the 2
sectors of Bank 1 (B1F1-B1F0). The meaning of B1Fy bit for sector y of bank 1 is given by
the next Table 11. These bits are automatically reset at the end of a erase operation if no
errors are detected.
FCR1H (0x0E 0006) SMOD=0
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
reserved
B3S B2S
reserved
B3F1 B3F0
RS
RS
RS
RS
FCR1H (0x0E 0006) SMOD=1
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
reserved
B1S B0S
reserved
B1F1 B1F0
-
RSRS
RSRS
Table 10.
Flash control register 1 high
Bit
Function
SMOD=0 (XFLASH selected)
B3F(1:0)
Bank 3 XFLASH sector 1:0 status
During any erase operation, these bits are automatically set and give the status of the
2 sectors of bank 3 (B3F1-B3F0). The meaning of B3Fy bit for sector y of bank 1 is
given by the next Table 11. These bits are automatically reset at the end of a erase
operation if no errors are detected.
B(3:2)S
Bank 3-2 status (XFLASH)
During any erase operation, these bits are automatically modified and give the status
of the 2 Banks (B3-B2). The meaning of BxS bit for bank x is given in the next
Table 11. These bits are automatically reset at the end of a erase operation if no errors
are detected.
SMOD=1 (IFLASH selected)
B1F(1:0)
Bank 1 IFLASH sector 1:0 status
During any erase operation, these bits are automatically set and give the status of the
2 sectors of bank 1 (B1F1-B1F0). The meaning of B1Fy bit for sector y of bank 1 is
given by the next Table 11. These bits are automatically reset at the end of a erase
operation if no errors are detected.
B(1:0)S
Bank 1-0 status (IFLASH)
During any erase operation, these bits are automatically modified and give the status
of the 2 banks (B1-B0). The meaning of BxS bit for bank x is given in the next
Table 11. These bits are automatically reset at the end of a erase operation if no errors
are detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com