Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 86Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 87Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 88Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 89Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 90Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 91Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 92Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 93Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 239 page
background image
PWM modules
ST10F276Z5
90/239
Table 52.
PWM unit frequencies and resolutions at 64 MHz CPU clock
Mode
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
Mode 0
CPU Clock/1
15.6 ns
250 kHz
62.5 kHz
15.63 kHz
3.91Hz
977 Hz
CPU
Clock/64
1.0
µs
3.91 kHz
976.6 Hz
244.1 Hz
61.01 Hz
15.26 Hz
Mode 1
CPU Clock/1
15.6 ns
125 kHz
31.25 kHz
7.81 kHz
1.95 kHz
488.3 Hz
CPU
Clock/64
1.0
µs
1.95 kHz
488.28 Hz
122.07 Hz
30.52 Hz
7.63 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com