Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 43Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 47Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 48Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 49Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 50Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 239 page
background image
ST10F276Z5
Bootstrap loader
47/239
5
Bootstrap loader
The ST10F276Z5 features innovative boot capabilities in order to support:
●
User defined bootstrap (see Alternate bootstrap loader)
●
Bootstrap via UART or bootstrap via CAN for the standard bootstrap
5.1
Selection among user-code, standard or alternate bootstrap
The selection among user-code, standard bootstrap or alternate bootstrap is made by
special combinations on Port0L[5...4] during the time the reset configuration is latched from
Port0.
The alternate boot mode is triggered with a special combination set on Port0L[5...4]. Those
signals, as other configuration signals, are latched on the rising edge of RSTIN pin.
The alternate boot function is divided in two functional parts (which are independent from
each other):
Part 1: Selection of reset sequence according to the Port0 configuration -
User mode and alternate mode signatures
●
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 1) selects the normal mode and
the user Flash to be mapped from address 00’0000h.
●
Decoding of reset configuration (P0L.5 = 1, P0L.4 = 0) selects ST10 standard bootstrap
mode (Test-Flash is active and overlaps user Flash for code fetches from address
00'0000h; user Flash is active and available for read and program).
●
Decoding of reset configuration (P0L.5 = 0, P0L.4 = 1) activates new verifications to
select which bootstrap software to execute:
–
If the user mode signature in the user Flash is programmed correctly, then a
software reset sequence is selected and the user code is executed;
–
If the user mode signature is not programmed correctly but the alternate mode
signature in the user Flash is programmed correctly, then the alternate boot mode
is selected;
–
If both the user and the alternate mode signatures are not programmed correctly
in the user Flash, then the user key location is read again. Its value will determine
the behavior of the selected bootstrap loader.
Part 2: Running of user selected reset sequence
●
Standard bootstrap loader: Jump to a predefined memory location in Test-Flash
(controlled by ST)
●
Alternate boot mode: Jump to address 09’0000h
●
Selective bootstrap loader: Jump to a predefined location in Test-Flash (controlled by
ST) and check which communication channel is selected
●
User code: Make a software reset and jump to 00’0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com