Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 69Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 70Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 71Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 72Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 73Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 74Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 75Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 76Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 239 page
background image
ST10F276Z5
Central processing unit (CPU)
73/239
6.1
Multiplier-accumulator unit (MAC)
The MAC coprocessor is a specialized coprocessor added to the ST10 CPU Core in order to
improve the performances of the ST10 Family in signal processing algorithms.
The standard ST10 CPU has been modified to include new addressing capabilities which
enable the CPU to supply the new coprocessor with up to 2 operands per instruction cycle.
This new coprocessor (so-called MAC) contains a fast multiply-accumulate unit and a repeat
unit.
The coprocessor instructions extend the ST10 CPU instruction set with multiply, multiply-
accumulate, 32-bit signed arithmetic operations.
Figure 15.
MAC unit architecture
Operand 2
Operand 1
Control Unit
Repeat Unit
ST10 CPU
Interrupt
Controller
MSW
MRW
MAH
MAL
MCW
Flags MAE
Mux
8-bit Left/Right
Shifter
Mux
Mux
Sign Extend
16 x 16
Concatenation
signed/unsigned
Multiplier
40-bit Signed Arithmetic Unit
0h
0h
08000h
40
16
40
40
32
32
16
40
40
40
40
40
Scaler
AB
40
GPR Pointers *
IDX0 Pointer
IDX1 Pointer
QR0 GPR Offset Register
QR1 GPR Offset Register
QX0 IDX Offset Register
QX1 IDX Offset Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com