Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 66Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 67Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 68Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 69Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 70Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 71Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 72Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 73Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 239 page
background image
Bootstrap loader
ST10F276Z5
70/239
5.7
Selective boot mode
The selective boot is a subcase of the Alternate Boot mode. When none of the signatures
are correct, instead of executing the standard bootstrap loader (triggered by P0L.4 low at
reset), an additional check is made.
Address 00’1FFCh is read again with the following behavior:
●
If value is 0000h or FFFFh, a jump is performed to the standard bootstrap loader.
●
Otherwise:
–
High byte is disregarded.
–
Low byte bits select which communication channel is enabled.
Therefore a value:
●
0xXX03 configures the Selective Bootstrap Loader to poll for RxD0 and CAN1_RxD.
●
0xXX01 configures the Selective Bootstrap Loader to poll only RxD0 (no boot via CAN).
●
0xXX02 configures the Selective Bootstrap Loader to poll only CAN1_RxD (no boot via
UART).
●
Other values allow the ST10F276Z5 to execute an endless loop into the Test-Flash.
Table 38.
Selective boot
Bit
Function
0
UART selection
‘0’: UART is not watched for a Start condition.
‘1’: UART is watched for a Start condition.
1
CAN1 selection
‘0’: CAN1 is not watched for a Start condition.
‘1’: CAN1 is watched for a Start condition.
2..7
Reserved
For upward compatibility, must be programmed to ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com