Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 20Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 21Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 22Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 23Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 24Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 239 page
background image
Functional description
ST10F276Z5
24/239
3
Functional description
The ST10F276Z5 architecture combines advantages of both RISC and CISC processors
and an advanced peripheral subsystem. The block diagram gives an overview of the
different on-chip components and the high bandwidth internal bus structure of the
ST10F276Z5.
Figure 3.
Block diagram
BRG
BRG
Port 6
Port 5
CPU-Core and MAC Unit
XCAN2
XSSC
XASC
XCAN1
XI2C
XRAM
2K
XRAM
16K
XRAM
48K
(STBY)
(PEC)
XFLASH
320K
IFLASH
512K
32
16
16
16
16
16 16
16 16
16 16
16
PEC
Interrupt Controller
Port 3
Port 7
Port 8
16
Watchdog
IRAM
2K
16
XRTC
Oscillator
PLL
5V-1.8 V
Voltage
Regulator
16
16
8
816
15
8
8
16
16
32kHz
Oscillator
XPWM
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com