Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 53Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 54Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 55Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 56Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 57Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 58Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 59Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 60Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 239 page
background image
ST10F276Z5
Bootstrap loader
57/239
This process may go through several iterations or may directly execute the final application.
In all cases the device still runs in BSL mode, that is, with the watchdog timer disabled and
limited access to the internal Flash area. All code fetches from the internal IFLASH area
(01’0000H...08’FFFFH) are redirected to the special Test-Flash. Data read operations
access the internal Flash of the device.
5.3.5
Choosing the baud rate for the BSL via UART
The calculation of the serial baud rate for ASC0 from the length of the first zero byte that is
received allows the operation of the bootstrap loader of the device with a wide range of baud
rates. However, the upper and lower limits must be kept to ensure proper data transfer.
The device uses timer T6 to measure the length of the initial zero byte. The quantization
uncertainty of this measurement implies the first deviation from the real baud rate; the next
deviation is implied by the computation of the S0BRL reload value from the timer contents.
The formula below shows the association:
For a correct data transfer from the host to the device, the maximum deviation between the
internal initialized baud rate for ASC0 and the real baud rate of the host should be below
2.5%. The deviation (FB, in percent) between host baud rate and device baud rate can be
calculated using the formula below:
Note:
Function (FB) does not consider the tolerances of oscillators and other devices supporting
the serial communication.
This baud rate deviation is a nonlinear function depending on the CPU clock and the baud
rate of the host. The maxima of the function (FB) increases with the host baud rate due to
the smaller baud rate prescaler factors and the implied higher quantization error (see
Figure 10).
Figure 10.
Baud rate deviation between host and ST10F276Z5
The minimum baud rate (BLow in Figure 10) is determined by the maximum count capacity
of timer T6, when measuring the zero byte, that is, it depends on the CPU clock. Using the
maximum T6 count 216 in the formula the minimum baud rate is calculated. The lowest
fCPU
32
S0BRL 1
+
()
⋅
----------------------------------------------
BST10F276 =
S0BRL
T6 36
–
72
--------------------
=
T6
9
4
---
fCPU
BHost
-----------------
⋅
=
,
FB
BContr BHost
–
BContr
------------------------------------------- 100
⋅
=
%
FB 2.5
≤
%
,
BLow
2.5%
FB
BHigh
I
II
BHOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com