Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 94Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 95Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 96Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 97Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 98Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 99Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 100Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 101Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 239 page
background image
Serial channels
ST10F276Z5
98/239
Note:
The deviation errors given in the Table 55 and Table 56 are rounded. To avoid deviation
errors use a Baud rate crystal (providing a multiple of the ASC0 sampling frequency)
14.4
High speed synchronous serial interfaces
The High-Speed Synchronous Serial Interfaces (SSC0 and SSC1) provides flexible high-
speed serial communication between the ST10F276Z5 and other microcontrollers,
microprocessors or external peripherals.
The SSCx supports full-duplex and half-duplex synchronous communication. The serial
clock signal can be generated by the SSCx itself (master mode) or be received from an
external master (slave mode). Data width, shift direction, clock polarity and phase are
programmable.
This allows communication with SPI-compatible devices. Transmission and reception of data
is double-buffered. A 16-bit Baud rate generator provides the SSCx with a separate serial
clock signal. The serial channel SSCx has its own dedicated 16-bit Baud rate generator with
16-bit reload capability, allowing Baud rate generation independent from the timers.
Table 57 and Table 58 list some possible Baud rates against the required reload values and
the resulting bit times for 40 MHz and 64 MHz CPU clock respectively. The maximum is
anyway limited to 8Mbaud.
900
0.0% / 0.0%
15B2 / 15B3
600
0.0% / 0.0%
15B2 / 15B3
612
0.0% / 0.0%
1FE8 / 1FE9
407
0.0% / 0.0%
1FFD / 1FFE
Table 55.
ASC synchronous baud rates by reload value and deviation errors (fCPU = 40 MHz)
S0BRS = ‘0’, fCPU = 40 MHz
S0BRS = ‘1’, fCPU = 40 MHz
Baud rate (Baud)
Deviation error
Reload value
(hex)
Baud rate (Baud)
Deviation error
Reload value
(hex)
Table 56.
ASC synchronous baud rates by reload value and deviation errors (fCPU = 64 MHz)
S0BRS = ‘0’, fCPU = 64 MHz
S0BRS = ‘1’, fCPU = 64 MHz
Baud rate (Baud)
Deviation error
Reload value
(hex)
Baud rate (Baud)
Deviation error
Reload value
(hex)
8 000 000
0.0% / 0.0%
0000 / 0000
5 333 333
0.0% / 0.0%
0000 / 0000
112 000
+0.6% / -0.8%
0046 / 0047
112 000
+1.3% / -0.8%
002E / 002F
56 000
+0.6% / -0.1%
008D / 008E
56 000
+0.3% / -0.8%
005E / 005F
38 400
+0.2% / -0.3%
00CF / 00D0
38 400
+0.6% / -0.1%
0089 / 008A
19 200
+0.2% / -0.1%
019F / 01A0
19 200
+0.3% / -0.1%
0114 / 0115
9 600
+0.0% / -0.1%
0340 / 0341
9 600
+0.1% / -0.1%
022A / 022B
4 800
0.0% / 0.0%
0681 / 0682
4 800
0.0% / -0.1%
0456 / 0457
2 400
0.0% / 0.0%
0D04 / 0D05
2 400
0.0% / 0.0%
08AD / 08AE
1 200
0.0% / 0.0%
1A09 / 1A0A
1 200
0.0% / 0.0%
115B / 115C
977
0.0% / 0.0%
1FFB / 1FFC
900
0.0% / 0.0%
1724 / 1725
652
0.0% / 0.0%
1FF2 / 1FF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com