Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 98Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 99Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 100Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 101Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 102Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 103Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 104Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 105Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 239 page
background image
CAN modules
ST10F276Z5
102/239
16.2
CAN bus configurations
Depending on application, CAN bus configuration may be one single bus with a single or
multiple interfaces or a multiple bus with a single or multiple interfaces. The ST10F276Z5 is
able to support these two cases.
Single CAN bus
The single CAN Bus multiple interfaces configuration may be implemented using two CAN
transceivers as shown in Figure 20.
Figure 20.
Connection to single CAN bus via separate CAN transceivers
The ST10F276Z5 also supports single CAN Bus multiple (dual) interfaces using the open
drain option of the CANx_TxD output as shown in Figure 21. Thanks to the OR-Wired
Connection, only one transceiver is required. In this case the design of the application must
take in account the wire length and the noise environment.
Figure 21.
Connection to single CAN bus via common CAN transceivers
CAN1
RX
TX
CAN_H
CAN_L
CAN bus
CAN2
RX
TX
XMISC.CANPAR = 0
CAN
CAN
Transceiver
Transceiver
P4.4
P4.7
P4.5
P4.6
OD = Open Drain Output
+5 V
CAN
CAN_H
CAN_L
CAN bus
2.7kW
OD
Transceiver
XMISC.CANPAR = 0
CAN1
RX
TX
CAN2
RX
TX
P4.4
P4.7
P4.5
P4.6
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com