Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 101Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 102Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 103Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 104Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 105Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 106Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 107Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 108Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 239 page
background image
ST10F276Z5
Watchdog timer
105/239
18
Watchdog timer
The Watchdog Timer is a fail-safe mechanism which prevents the microcontroller from
malfunctioning for long periods of time.
The Watchdog Timer is always enabled after a reset of the chip and can only be disabled in
the time interval until the EINIT (end of initialization) instruction has been executed.
Therefore, the chip start-up procedure is always monitored. The software must be designed
to service the watchdog timer before it overflows. If, due to hardware or software related
failures, the software fails to do so, the watchdog timer overflows and generates an internal
hardware reset. It pulls the RSTOUT pin low in order to allow external hardware components
to be reset.
Each of the different reset sources is indicated in the WDTCON register:
●
Watchdog Timer Reset in case of an overflow
●
Software Reset in case of execution of the SRST instruction
●
Short, Long and Power-On Reset in case of hardware reset (and depending of reset
pulse duration and RPD pin configuration)
The indicated bits are cleared with the EINIT instruction. The source of the reset can be
identified during the initialization phase.
The Watchdog Timer is 16-bit, clocked with the system clock divided by 2 or 128. The high
Byte of the watchdog timer register can be set to a pre-specified reload value (stored in
WDTREL).
Each time it is serviced by the application software, the high byte of the watchdog timer is
reloaded. For security, rewrite WDTCON each time before the watchdog timer is serviced
The Table 59 and Table 60 show the watchdog time range for 40 MHz and 64 MHz CPU
clock respectively.
Table 59.
WDTREL reload value (fCPU = 40 MHz)
Reload value in WDTREL
Prescaler for fCPU = 40 MHz
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
12.8
µs
819.2
µs
00h
3.277 ms
209.7 ms
Table 60.
WDTREL reload value (fCPU = 64 MHz)
Reload value in WDTREL
Prescaler for fCPU = 64 MHz
2 (WDTIN = ‘0’)
128 (WDTIN = ‘1’)
FFh
8
µs
512
µs
00h
2.048 ms
131.1 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com