Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 25Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 26Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 27Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 28Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 29Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 239 page
background image
ST10F276Z5
Internal Flash memory
29/239
Bank, or from the other module or again from another memory (internal RAM or external
memory).
Note:
During a Write operation, when bit LOCK of FCR0 is set, it is forbidden to write into the
Flash Control Registers.
4.3.1
Power supply drop
If during a write operation the internal low voltage supply drops below a certain internal
voltage threshold, any write operation running is suddenly interrupted and the modules are
reset to Read mode. At following Power-on, an interrupted Flash write operation must be
repeated.
4.4
Registers description
4.4.1
Flash control register 0 low
The Flash control register 0 low (FCR0L) together with the Flash control register 0 high
(FCR0H) is used to enable and to monitor all the write operations for both the Flash
modules. The user has no access in write mode to the test-Flash (B0TF). Besides, test-
Flash block is seen by the user in Bootstrap mode only.
FCR0L (0x0E 0000)
FCR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
reserved
BSY1 BSY0 LOCK res. BSY3 BSY2 res.
RRR
RR
Table 7.
Flash control register 0 low
Bit
Function
BSY(3:2)
Bank 3:2 Busy (XFLASH)
These bits indicate that a write operation is running on the corresponding Bank of
XFLASH. They are automatically set when bit WMS is set. Setting Protection
operation sets bit BSY2 (since protection registers are in the Block B2). When these
bits are set every read access to the corresponding Bank will output invalid data
(software trap 009Bh), while every write access to the Bank will be ignored. At the end
of the write operation or during a Program or Erase Suspend these bits are
automatically reset and the Bank returns to read mode. After a Program or Erase
Resume these bits are automatically set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com