Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 39Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 40Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 41Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 42Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 43Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 44Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 45Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 46Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 239 page
background image
ST10F276Z5
Internal Flash memory
43/239
4.6
Write operation examples
In the following, examples for each kind of Flash write operation are presented.
Word program
Example: 32-bit Word Program of data 0xAAAAAAAA at address 0x0C5554 in XFLASH
Module.
FCR0H|= 0x2000; /*Set WPG in FCR0H*/
FARL = 0x5554; /*Load Add in FARL*/
FARH = 0x000C; /*Load Add in FARH*/
FDR0L = 0xAAAA; /*Load Data in FDR0L*/
FDR0H = 0xAAAA; /*Load Data in FDR0H*/
FCR0H|= 0x8000; /*Operation start*/
Double word program
Example: Double Word Program (64-bit) of data 0x55AA55AA at address 0x095558 and
data 0xAA55AA55 at address 0x09555C in IFLASH Module.
FCR0H|= 0x1080; /*Set DWPG, SMOD*/
FARL
= 0x5558; /*Load Add in FARL*/
FARH
= 0x0009; /*Load Add in FARH*/
FDR0L = 0x55AA; /*Load Data in FDR0L*/
FDR0H = 0x55AA; /*Load Data in FDR0H*/
FDR1L = 0xAA55; /*Load Data in FDR1L*/
FDR1H = 0xAA55; /*Load Data in FDR1H*/
FCR0H|= 0x8000; /*Operation start*/
Double Word Program is always performed on the Double Word aligned on a even Word: bit
ADD2 of FARL is ignored.
Sector erase
Example: Sector Erase of sectors B3F1 and B3F0 of Bank 3 in XFLASH Module.
FCR0H|= 0x0800; /*Set SER in FCR0H*/
FCR1H|= 0x0003; /*Set B3F1, B3F0*/
FCR0H|= 0x8000; /*Operation start*/
Suspend and resume
Word Program, Double Word Program, and Sector Erase operations can be suspended in
the following way:
FCR0H|= 0x4000; /*Set SUSP in FCR0H*/
Then the operation can be resumed in the following way:
FCR0H|= 0x0800; /*Set SER in FCR0H*/
FCR0H|= 0x8000; /*Operation resume*/
Before resuming a suspended Erase, FCR1H/FCR1L must be read to check if the Erase is
already completed (FCR1H = FCR1L = 0x0000 if Erase is complete). Original setup of
Select Operation bits in FCR0H/L must be restored before the operation resume, otherwise
the operation is aborted and bit RESER of FER is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com