Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 64Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 65Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 66Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 67Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 68Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 69Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 70Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 71Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 239 page
background image
Bootstrap loader
ST10F276Z5
68/239
5.6.6
Exiting alternate boot mode
Once the ABM mode is entered, it can be exited only with a software or hardware reset.
Note:
See note from Section 5.2.7 concerning software reset.
5.6.7
Alternate boot user software
If the rules described previously are respected (that is, mapping of variables, disabling of
interrupts, exit conditions, predefined vectors in Block 0 of Bank 2, Watchdog usage), then
users can write the software they want to execute in this mode starting from 09’0000h.
5.6.8
User/alternate mode signature integrity check
The behavior of the Alternate Boot mode is based on the computing of a signature between
the content of two memory locations and a comparison with a reference signature. This
requires that users who use Alternate Boot have reserved and programmed the Flash
memory locations according to:
User mode signature
00'0000h: memory address of operand0 for the signature computing
00’1FFCh: memory address of operand1 for the signature computing
00’1FFEh: memory address for the signature reference
Alternate mode signature
09'0000h: memory address of operand0 for the signature computing
09’1FFCh: memory address of operand1 for the signature computing
09’1FFEh: memory address for the signature reference
The values for operand0, operand1 and the signature should be such that the sequence
shown in the figure below is successfully executed.
MOV
Rx, CheckBlock1Addr; 00’0000h for standard reset
ADD
Rx, CheckBlock2Addr; 00’1FFCh for standard reset
CPLB
RLx
; 1s complement of the lower
; byte of the sum
CMP
Rx, CheckBlock3Addr; 00’1FFEh for standard reset
5.6.9
Alternate boot user software aspects
User defined alternate boot code must start at 09’0000h. A new SFR created on the
ST10F276Z5 indicates that the device is running in Alternate Boot mode: Bit 5 of EMUCON
(mapped at 0xFE0Ah) is set when the alternate boot is selected by the reset configuration.
All the other bits are ignored when checking the content of this register to read the value of
bit 5.
This bit is a read-only bit. It remains set until the next software or hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com