Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 85Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 86Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 87Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 88Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 89Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 90Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 91Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 92Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 239 page
background image
ST10F276Z5
PWM modules
89/239
11
PWM modules
Two pulse width modulation modules are available on ST10F276Z5: standard PWM0 and
XBUS PWM1. They can generate up to four PWM output signals each, using edge-aligned
or centre-aligned PWM. In addition, the PWM modules can generate PWM burst signals and
single shot outputs. The Table 51 and Table 52 show the PWM frequencies for different
resolutions. The level of the output signals is selectable and the PWM modules can
generate interrupt requests.
Figure 19.
Block diagram of PWM module
Table 51.
PWM unit frequencies and resolutions at 40 MHz CPU clock
Mode
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
Mode 0
CPU Clock/1
25 ns
156.25 kHz
39.1 kHz
9.77 kHz
2.44 Hz
610 Hz
CPU
Clock/64
1.6
µs
2.44 kHz
610 Hz
152.6 Hz
38.15 Hz
9.54 Hz
Mode 1
CPU Clock/1
25 ns
78.12 kHz
19.53 kHz
4.88 kHz
1.22 kHz
305.2Hz
CPU
Clock/64
1.6
µs
1.22 kHz
305.17 Hz
76.29 Hz
19.07 Hz
4.77 Hz
PPx Period Register
Comparator
PTx
16-bit Up/Down Counter
Shadow Register
PWx Pulse Width Register
Input
Run
Control
Clock 1
Clock 2
Comparator
*
*
*
Up/Down/
Clear Control
Match
Output Control
Match
Write Control
* User readable / writeable register
Enable
POUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com