Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F276Z5 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST10F276Z5_07 Datasheet HTML 30Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 31Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 32Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 33Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 34Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 35Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 36Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 37Page - STMicroelectronics ST10F276Z5_07 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 239 page
background image
Internal Flash memory
ST10F276Z5
34/239
4.4.5
Flash data register 0 low
The Flash address registers (FARH/L) and the Flash data registers (FDR1H/L-FDR0H/L)
are used during the program operations to store Flash Address in which to program and
data to program.
4.4.6
Flash data register 0 high
Table 11.
Banks (BxS) and sectors (BxFy) status bits meaning
ERR
SUSP
BxS = 1 meaning
BxFy = 1 meaning
1
-
Erase error in bank x
Erase error in sector y of bank x
0
1
Erase suspended in bank x
Erase suspended in sector y of bank x
0
0
Don’t care
Don’t care
FDR0L (0x0E 0008)
FCR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
DIN15 DIN14 DIN13 DIN12 DIN11 DIN10
DIN9
DIN8
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 12.
Flash data register 0 low
Bit
Function
DIN(15:0)
Data input 15:0
These bits must be written with the data to program the Flash with the following
operations: word program (32-bit), double word program (64-bit) and set protection.
FDR0H (0x0E 000A)
FCR
Reset value: FFFFh
15
14
13
12
11
10
987
65432
10
DIN31 DIN30 DIN29 DIN28 DIN27 DIN26 DIN25 DIN24 DIN23 DIN22 DIN21 DIN20 DIN19 DIN18 DIN17 DIN16
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 13.
Flash data register 0 high
Bit
Function
DIN(31:16)
Data input 31:16
These bits must be written with the data to program the Flash with the following
operations: word program (32-bit), double word program (64-bit) and set protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com