Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 97Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 98Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 99Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 100Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 101Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 102Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 103Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 104Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
101
8.3.2
Status and Control Register 2 (ADCSC2)
The ADCSC2 register is used to control the compare function, conversion trigger and conversion active
of the ADC module.
Figure 8-5. Status and Control Register 2 (ADCSC2)
00111
AD7
10111
AD23
01000
AD8
11000
AD24
01001
AD9
11001
AD25
01010
AD10
11010
AD26
01011
AD11
11011
AD27
01100
AD12
11100
Reserved
01101
AD13
11101
VREFH
01110
AD14
11110
VREFL
01111
AD15
11111
Module disabled
76
54
3
2
10
RADACT
ADTRG
ACFE
ACFGT
00
R1
1 Bits 1 and 0 are reserved bits that must always be written to 0.
R1
W
Reset:
00
00
0
0
00
= Unimplemented or Reserved
Table 8-4. ADCSC2 Register Field Descriptions
Field
Description
7
ADACT
Conversion Active — ADACT indicates that a conversion is in progress. ADACT is set when a conversion is
initiated and cleared when a conversion is completed or aborted.
0 Conversion not in progress
1 Conversion in progress
6
ADTRG
Conversion Trigger Select — ADTRG is used to select the type of trigger to be used for initiating a conversion.
Two types of trigger are selectable: software trigger and hardware trigger. When software trigger is selected, a
conversion is initiated following a write to ADCSC1. When hardware trigger is selected, a conversion is initiated
following the assertion of the ADHWT input.
0 Software trigger selected
1 Hardware trigger selected
Figure 8-4. Input Channel Select (continued)
ADCH
Input Select
ADCH
Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com