Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 105 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 105 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 101Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 102Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 103Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 104Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 105Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 106Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 107Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 108Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 109Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 198 page
background image
Analog-to-Digital Converter (S08ADC10V1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
105
8.3.8
Pin Control 1 Register (APCTL1)
The pin control registers are used to disable the I/O port control of MCU pins used as analog inputs.
APCTL1 is used to control the pins associated with channels 0–7 of the ADC module.
Table 8-8. Input Clock Select
ADICLK
Selected Clock Source
00
Bus clock
01
Bus clock divided by 2
10
Alternate clock (ALTCLK)
11
Asynchronous clock (ADACK)
76
54
3
2
10
R
ADPC7
ADPC6
ADPC5
ADPC4
ADPC3
ADPC2
ADPC1
ADPC0
W
Reset:
00
00
0
0
00
Figure 8-11. Pin Control 1 Register (APCTL1)
Table 8-9. APCTL1 Register Field Descriptions
Field
Description
7
ADPC7
ADC Pin Control 7 — ADPC7 is used to control the pin associated with channel AD7.
0 AD7 pin I/O control enabled
1 AD7 pin I/O control disabled
6
ADPC6
ADC Pin Control 6 — ADPC6 is used to control the pin associated with channel AD6.
0 AD6 pin I/O control enabled
1 AD6 pin I/O control disabled
5
ADPC5
ADC Pin Control 5 — ADPC5 is used to control the pin associated with channel AD5.
0 AD5 pin I/O control enabled
1 AD5 pin I/O control disabled
4
ADPC4
ADC Pin Control 4 — ADPC4 is used to control the pin associated with channel AD4.
0 AD4 pin I/O control enabled
1 AD4 pin I/O control disabled
3
ADPC3
ADC Pin Control 3 — ADPC3 is used to control the pin associated with channel AD3.
0 AD3 pin I/O control enabled
1 AD3 pin I/O control disabled
2
ADPC2
ADC Pin Control 2 — ADPC2 is used to control the pin associated with channel AD2.
0 AD2 pin I/O control enabled
1 AD2 pin I/O control disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com