Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 119Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 120Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 121Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 122Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 123Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 124Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 125Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 126Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
123
9.1.2
Features
Key features of the ICS module are:
•
Frequency-locked loop (FLL) is trimmable for accuracy
— 0.2% resolution using internal 32 kHz reference
— 2% deviation over voltage and temperature using internal 32 kHz reference
•
Internal or external reference clocks up to 5 MHz can be used to control the FLL
— 3 bit select for reference divider is provided
•
Internal reference clock has 9 trim bits available
•
Internal or external reference clocks can be selected as the clock source for the MCU
•
Whichever clock is selected as the source can be divided down
— 2 bit select for clock divider is provided
– Allowable dividers are: 1, 2, 4, 8
– BDC clock is provided as a constant divide by 2 of the DCO output
•
Control signals for a low power oscillator as the external reference clock are provided
— HGO, RANGE, EREFS, ERCLKEN, EREFSTEN
•
FLL engaged internal mode is automatically selected out of reset
9.1.3
Modes of Operation
There are seven modes of operation for the ICS: FEI, FEE, FBI, FBILP, FBE, FBELP, and stop.
9.1.3.1
FLL Engaged Internal (FEI)
In FLL engaged internal mode, which is the default mode, the ICS supplies a clock derived from the FLL
which is controlled by the internal reference clock. The BDC clock is supplied from the FLL.
9.1.3.2
FLL Engaged External (FEE)
In FLL engaged external mode, the ICS supplies a clock derived from the FLL which is controlled by an
external reference clock. The BDC clock is supplied from the FLL.
9.1.3.3
FLL Bypassed Internal (FBI)
In FLL bypassed internal mode, the FLL is enabled and controlled by the internal reference clock, but is
bypassed. The ICS supplies a clock derived from the internal reference clock. The BDC clock is supplied
from the FLL.
9.1.3.4
FLL Bypassed Internal Low Power (FBILP)
In FLL bypassed internal low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the internal reference clock. The BDC clock is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com