Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 123Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 124Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 125Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 126Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 128Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 129Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 130Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
127
9.3.3
ICS Trim Register (ICSTRM)
9.3.4
ICS Status and Control (ICSSC)
7
6
5
432
1
0
R
TRIM
W
POR:
1
0
0
0
0
0
0
0
Reset:
U
U
U
UUU
U
U
Figure 9-5. ICS Trim Register (ICSTRM)
Table 9-3. ICS Trim Register Field Descriptions
Field
Description
7:0
TRIM
ICS Trim Setting — The TRIM bits control the internal reference clock frequency by controlling the internal
reference clock period. The bits’ effect are binary weighted (i.e., bit 1 will adjust twice as much as bit 0).
Increasing the binary value in TRIM will increase the period, and decreasing the value will decrease the period.
An additional fine trim bit is available in ICSSC as the FTRIM bit.
7
6
5
432
1
0
R
0
0
0
0
CLKST
OSCINIT
FTRIM
W
POR:
Reset:
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
U
Figure 9-6. ICS Status and Control Register (ICSSC)
Table 9-4. ICS Status and Control Register Field Descriptions
Field
Description
7:4
Reserved, must be cleared.
3:2
CLKST
Clock Mode Status — The CLKST bits indicate the current clock mode. The CLKST bits don’t update
immediately after a write to the CLKS bits due to internal synchronization between clock domains.
00
Output of FLL is selected.
01
FLL Bypassed, Internal reference clock is selected.
10
FLL Bypassed, External reference clock is selected.
11
Reserved.
1
OSC Initialization — If the external reference clock is selected by ERCLKEN or by the ICS being in FEE, FBE,
or FBELP mode, and if EREFS is set, then this bit is set after the initialization cycles of the external oscillator
clock have completed. This bit is cleared only when either ERCLKEN or EREFS are cleared.
0
ICS Fine Trim — The FTRIM bit controls the smallest adjustment of the internal reference clock frequency.
Setting FTRIM will increase the period and clearing FTRIM will decrease the period by the smallest amount
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com