Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 128Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 129Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 130Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 131Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 132Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 133Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 134Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 135Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
131
9.4.4
Low Power Bit Usage
The low power bit (LP) is provided to allow the FLL to be disabled and thus conserve power when it is
not being used. However, in some applications it may be desirable to enable the FLL and allow it to lock
for maximum accuracy before switching to an FLL engaged mode. Do this by writing the LP bit to 0.
9.4.5
Internal Reference Clock
When IRCLKEN is set the internal reference clock signal will be presented as ICSIRCLK, which can be
used as an additional clock source. The ICSIRCLK frequency can be re-targeted by trimming the period
of the internal reference clock. This can be done by writing a new value to the TRIM bits in the ICSTRM
register. Writing a larger value will slow down the ICSIRCLK frequency, and writing a smaller value to
the ICSTRM register will speed up the ICSIRCLK frequency. The TRIM bits will effect the ICSOUT
frequency if the ICS is in FLL engaged internal (FEI), FLL bypassed internal (FBI), or FLL bypassed
internal low power (FBILP) mode. The TRIM and FTRIM value will not be affected by a reset.
Until ICSIRCLK is trimmed, programming low reference divider (RDIV) factors may result in ICSOUT
frequencies that exceed the maximum chip-level frequency and violate the chip-level clock timing
specifications (see the Device Overview chapter).
If IREFSTEN is set and the IRCLKEN bit is written to 1, the internal reference clock will keep running
during stop mode in order to provide a fast recovery upon exiting stop.
All MCU devices are factory programmed with a trim value in a reserved memory location. This value can
be copied to the ICSTRM register during reset initialization. The factory trim value does not include the
FTRIM bit. For finer precision, the user can trim the internal oscillator in the application and set the
FTRIM bit accordingly.
9.4.6
Optional External Reference Clock
The ICS module can support an external reference clock with frequencies between 31.25 kHz to 5 MHz
in all modes. When the ERCLKEN is set, the external reference clock signal will be presented as
ICSERCLK, which can be used as an additional clock source. When IREFS = 1, the external reference
clock will not be used by the FLL and will only be used as ICSERCLK. In these modes, the frequency can
be equal to the maximum frequency the chip-level timing specifications will support (see the Device
Overview chapter).
If EREFSTEN is set and the ERCLKEN bit is written to 1, the external reference clock will keep running
during stop mode in order to provide a fast recovery upon exiting stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com