| Electronic Components Datasheet Search |
|
S9S08QD2CSC Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S9S08QD2CSC Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc |
|
133 / 198 page ![]() Internal Clock Source (S08ICSV1) MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 133 — If entering FEE, set the reference divider and clear the IREFS bit to switch to the external reference. — The internal reference can optionally be kept running by setting the IRCLKEN bit. This is useful if the application will switch back and forth between internal clock and external clock modes. For minimum power consumption, leave the internal reference disabled while in an external clock mode. 4. The CLKST bits can be monitored to determine when the mode switch has completed. If FEE was selected, the bus clock will be stable in tAcquire milliseconds. The CLKST bits will not change when switching from FEI to FEE. 9.5.1.2 Initialization Sequence, External Clock Mode to Internal Clock Mode To change from FEE or FBE clock modes to FEI or FBI clock modes, follow this procedure: 1. If saved, copy the TRIM and FTRIM values from FLASH to the ICSTRM and ICSSC registers. This needs to be done only once after POR. 2. Enable the internal clock reference by selecting FBI (CLKS = 0:1) or selecting FEI (CLKS = 0:0, RDIV = 0:0:0, and IREFS = 1) in ICSC1. 3. Wait for the internal clock reference to stabilize. The typical startup time is given in the Electrical Characteristics appendix. 4. Write to ICSC2 to disable the external clock. — The external reference can optionally be kept running by setting the ERCLKEN bit. This is useful if the application will switch back and forth between internal clock and external clock modes. For minimum power consumption, leave the external reference disabled while in an internal clock mode. — If FBI will be the selected mode, also set the LP bit at this time to minimize power consumption. NOTE The internal reference must be enabled and running before disabling the external clock. Therefore it is imperative to execute steps 2 and 3 before step 4. 5. The CLKST bits in the ICSSC register can be monitored to determine when the mode switch has completed. The CLKST bits will not change when switching from FEE to FEI. If FEI was selected, the bus clock will be stable in tAcquire milliseconds. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |