| Electronic Components Datasheet Search |
|
S9S08QD2CSC Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S9S08QD2CSC Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc |
|
137 / 198 page ![]() Keyboard Interrupts (S08KBIV2) MC9S08QD4 Series MCU Data Sheet, Rev. 6 Freescale Semiconductor 137 10.1.1 Features The KBI features include: • Up to eight keyboard interrupt pins with individual pin enable bits. • Each keyboard interrupt pin is programmable as falling edge (or rising edge) only, or both falling edge and low level (or both rising edge and high level) interrupt sensitivity. • One software enabled keyboard interrupt. • Exit from low-power modes. 10.1.2 Modes of Operation This section defines the KBI operation in wait, stop, and background debug modes. 10.1.2.1 KBI in Wait Mode The KBI continues to operate in wait mode if enabled before executing the WAIT instruction. Therefore, an enabled KBI pin (KBPEx = 1) can be used to bring the MCU out of wait mode if the KBI interrupt is enabled (KBIE = 1). 10.1.2.2 KBI in Stop Modes The KBI operates asynchronously in stop3 mode if enabled before executing the STOP instruction. Therefore, an enabled KBI pin (KBPEx = 1) can be used to bring the MCU out of stop3 mode if the KBI interrupt is enabled (KBIE = 1). During either stop1 or stop2 mode, the KBI is disabled. In some systems, the pins associated with the KBI may be sources of wakeup from stop1 or stop2, see the stop modes section in the Modes of Operation chapter. Upon wake-up from stop1 or stop2 mode, the KBI module will be in the reset state. 10.1.2.3 KBI in Active Background Mode When the microcontroller is in active background mode, the KBI will continue to operate normally. 10.1.3 Block Diagram The block diagram for the keyboard interrupt module is shown Figure 10-2. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |