Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 136Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 137Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 138Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 139Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 140Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 141Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 142Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 143Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 198 page
background image
Keyboard Interrupts (S08KBIV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
140
Freescale Semiconductor
10.4
Functional Description
This on-chip peripheral module is called a keyboard interrupt (KBI) module because originally it was
designed to simplify the connection and use of row-column matrices of keyboard switches. However, these
inputs are also useful as extra external interrupt inputs and as an external means of waking the MCU from
stop or wait low-power modes.
The KBI module allows up to eight pins to act as additional interrupt sources. Writing to the KBIPEn bits
in the keyboard interrupt pin enable register (KBIPE) independently enables or disables each KBI pin.
Each KBI pin can be configured as edge sensitive or edge and level sensitive based on the KBMOD bit in
the keyboard interrupt status and control register (KBISC). Edge sensitive can be software programmed to
be either falling or rising; the level can be either low or high. The polarity of the edge or edge and level
sensitivity is selected using the KBEDGn bits in the keyboard interrupt edge select register (KBIES).
10.4.1
Edge Only Sensitivity
Synchronous logic is used to detect edges. A falling edge is detected when an enabled keyboard interrupt
(KBIPEn=1) input signal is seen as a logic 1 (the deasserted level) during one bus cycle and then a logic 0
(the asserted level) during the next cycle. A rising edge is detected when the input signal is seen as a logic
0 (the deasserted level) during one bus cycle and then a logic 1 (the asserted level) during the next
cycle.Before the first edge is detected, all enabled keyboard interrupt input signals must be at the
deasserted logic levels. After any edge is detected, all enabled keyboard interrupt input signals must return
to the deasserted level before any new edge can be detected.
A valid edge on an enabled KBI pin will set KBF in KBISC. If KBIE in KBISC is set, an interrupt request
will be presented to the CPU. Clearing of KBF is accomplished by writing a 1 to KBACK in KBISC.
10.4.2
Edge and Level Sensitivity
A valid edge or level on an enabled KBI pin will set KBF in KBISC. If KBIE in KBISC is set, an interrupt
request will be presented to the CPU. Clearing of KBF is accomplished by writing a 1 to KBACK in
765
43
210
R
KBEDG7
KBEDG6
KBEDG5
KBEDG4
KBEDG3
KBEDG2
KBEDG1
KBEDG0
W
Reset:
00
00
000
0
Figure 10-5. KBI Edge Select Register
Table 10-4. KBIES Register Field Descriptions
Field
Description
7:0
KBEDGn
Keyboard Edge Selects — Each of the KBEDGn bits selects the falling edge/low level or rising edge/high level
function of the corresponding pin).
0 Falling edge/low level.
1 Rising edge/high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com