Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 134Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 135Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 136Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 137Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 138Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 139Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 140Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 141Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 198 page
background image
Keyboard Interrupts (S08KBIV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
138
Freescale Semiconductor
Figure 10-2. KBI Block Diagram
10.2
External Signal Description
The KBI input pins can be used to detect either falling edges, or both falling edge and low level interrupt
requests. The KBI input pins can also be used to detect either rising edges, or both rising edge and high
level interrupt requests.
The signal properties of KBI are shown in Table 10-1.
10.3
Register Definition
The KBI includes three registers:
•
An 8-bit pin status and control register.
•
An 8-bit pin enable register.
•
An 8-bit edge select register.
Refer to the direct-page register summary in the Memory chapter for the absolute address assignments for
all KBI registers. This section refers to registers and control bits only by their names.
Some MCUs may have more than one KBI, so register names include placeholder characters to identify
which KBI is being referenced.
10.3.1
KBI Status and Control Register (KBISC)
KBISC contains the status flag and control bits, which are used to configure the KBI.
Table 10-1. Signal Properties
Signal
Function
I/O
KBIPn
Keyboard interrupt pins
I
DQ
CK
CLR
VDD
KBMOD
KBIE
KEYBOARD
INTERRUPT FF
KBACK
RESET
SYNCHRONIZER
KBF
STOP BYPASS
STOP
BUSCLK
KBIPEn
0
1
S
KBEDGn
KBIPE0
0
1
S
KBEDG0
KBIP0
KBIPn
KBI
INTERRU
PT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com