Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 126Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 128Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 129Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 130Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 131Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 132Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 133Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
130
Freescale Semiconductor
times the filter frequency, as selected by the RDIV bits, so that the ICSLCLK will be available for BDC
communications, and the external reference clock is enabled.
9.4.1.6
FLL Bypassed External Low Power (FBELP)
The FLL bypassed external low power (FBELP) mode is entered when all the following conditions occur:
•
CLKS bits are written to 10.
•
IREFS bit is written to 0.
•
BDM mode is not active and LP bit is written to 1.
In FLL bypassed external low power mode, the ICSOUT clock is derived from the external reference clock
and the FLL is disabled. The ICSLCLK will be not be available for BDC communications. The external
reference clock is enabled.
9.4.1.7
Stop
Stop mode is entered whenever the MCU enters a STOP state. In this mode, all ICS clock signals are static
except in the following cases:
ICSIRCLK will be active in stop mode when all the following conditions occur:
•
IRCLKEN bit is written to 1
•
IREFSTEN bit is written to 1
ICSERCLK will be active in stop mode when all the following conditions occur:
•
ERCLKEN bit is written to 1
•
EREFSTEN bit is written to 1
9.4.2
Mode Switching
When switching between FLL engaged internal (FEI) and FLL engaged external (FEE) modes the IREFS
bit can be changed at anytime, but the RDIV bits must be changed simultaneously so that the resulting
frequency stays in the range of 31.25 kHz to 39.0625 kHz. After a change in the IREFS value the FLL will
begin locking again after a few full cycles of the resulting divided reference frequency.
The CLKS bits can also be changed at anytime, but the RDIV bits must be changed simultaneously so that
the resulting frequency stays in the range of 31.25 kHz to 39.0625 kHz. The actual switch to the newly
selected clock will not occur until after a few full cycles of the new clock. If the newly selected clock is
not available, the previous clock will remain selected.
9.4.3
Bus Frequency Divider
The BDIV bits can be changed at anytime and the actual switch to the new frequency will occur
immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com