Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 124Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 125Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 126Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 128Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 129Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 130Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 131Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
128
Freescale Semiconductor
9.4
Functional Description
9.4.1
Operational Modes
Figure 9-7. Clock Switching Modes
The seven states of the ICS are shown as a state diagram and are described below. The arrows indicate the
allowed movements between the states.
9.4.1.1
FLL Engaged Internal (FEI)
FLL engaged internal (FEI) is the default mode of operation and is entered when all the following
conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 1
•
RDIV bits are written to divide trimmed reference clock to be within the range of 31.25 kHz to
39.0625 kHz.
In FLL engaged internal mode, the ICSOUT clock is derived from the FLL clock, which is controlled by
the internal reference clock. The FLL loop will lock the frequency to 512 times the filter frequency, as
selected by the RDIV bits. The ICSLCLK is available for BDC communications, and the internal reference
clock is enabled.
FLL Bypassed
Internal Low
Power(FBILP)
IREFS=1
CLKS=00
Entered from any state
when MCU enters stop
FLL Engaged
Internal (FEI)
FLL Bypassed
Internal (FBI)
FLL Bypassed
External (FBE)
FLL Engaged
External (FEE)
FLL Bypassed
External Low
Power(FBELP)
IREFS=0
CLKS=00
IREFS=0
CLKS=10
BDM Enabled
or LP =0
Returns to state that was active
before MCU entered stop, unless
reset occurs while in stop.
IREFS=0
CLKS=10
BDM Disabled
and LP=1
IREFS=1
CLKS=01
BDM Enabled
or LP=0
IREFS=1
CLKS=01
BDM Disabled
and LP=1
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com