Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 120Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 121Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 122Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 123Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 124Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 125Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 126Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 127Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 198 page
background image
Internal Clock Source (S08ICSV1)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
124
Freescale Semiconductor
9.1.3.5
FLL Bypassed External (FBE)
In FLL bypassed external mode, the FLL is enabled and controlled by an external reference clock, but is
bypassed. The ICS supplies a clock derived from the external reference clock. The external reference clock
can be an external crystal/resonator supplied by an OSC controlled by the ICS, or it can be another external
clock source. The BDC clock is supplied from the FLL.
9.1.3.6
FLL Bypassed External Low Power (FBELP)
In FLL bypassed external low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the external reference clock. The external reference clock can be an external crystal/resonator
supplied by an OSC controlled by the ICS, or it can be another external clock source. The BDC clock is
not available.
9.1.3.7
Stop (STOP)
In stop mode the FLL is disabled and the internal or external reference clocks can be selected to be enabled
or disabled. The BDC clock is not available and the ICS does not provide an MCU clock source.
9.1.4
Block Diagram
Figure 9-2 is the ICS block diagram.
Figure 9-2. Internal Clock Source (ICS) Block Diagram
DCO
Filter
RDIV
TRIM
/ 2
9
External Reference
IREFS
Clock Source
Block
CLKS
n=0-7
/ 2n
n=0-3
/ 2n
Internal
Reference
Clock
BDIV
9
ICSLCLK
ICSOUT
ICSIRCLK
EREFS
RANGE
EREFSTEN
HGO
Optional
IREFSTEN
ICSERCLK
Internal Clock Source Block
LP
ICSFFCLK
ERCLKEN
IRCLKEN
DCOOUT
FLL
RDIV_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com