Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLK3114SCZPV Datasheet(PDF) 16 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 12Page - Texas Instruments TLK3114SCZPV Datasheet HTML 13Page - Texas Instruments TLK3114SCZPV Datasheet HTML 14Page - Texas Instruments TLK3114SCZPV Datasheet HTML 15Page - Texas Instruments TLK3114SCZPV Datasheet HTML 16Page - Texas Instruments TLK3114SCZPV Datasheet HTML 17Page - Texas Instruments TLK3114SCZPV Datasheet HTML 18Page - Texas Instruments TLK3114SCZPV Datasheet HTML 19Page - Texas Instruments TLK3114SCZPV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
2−4
Table 2−3. Parallel Data Terminals (Continued)
TERMINAL
XGMII
TYPE
DESCRIPTION
NAME
NUMBER
XGMII
NAME
TYPE
DESCRIPTION
TDA[0:7]
C8, B8, A8,
E9, D9, C9,
E10, D10
TXD[0:7]
HSTL/SST
L_2 input
Transmit data terminals, channel A. Parallel data on this bus is clocked on the rising
and falling edges of TCA.
TDA8
C10
TXC0
HSTL/SST
L_2 input
Transmit data/KGEN, channel A. When CODE is low, this terminal is the ninth bit of
an 8-b/10-b encoded byte to be transmitted. When CODE is high, this terminal acts
as the K-character generator indicator. When this terminal is high, it causes the data
on TDA(0−7) to be encoded into a K-character.
TDA9
B10
N/A
HSTL/SST
L_2 input
Transmit data terminal, channel A. When CODE is low, this terminal is the tenth bit
of an 8-b/10-b encoded byte. When CODE is high, this terminal is ignored.
TDB[0:7]
F13, F14,
F15, G13,
G15, G16,
H13, H15
TXD[8:15]
Transmit data terminals, channels B–D. When PSYNC is low, parallel data on this
TDC[0:7]
M13, M14,
M15, L13,
L15, L16, K13,
K15
TXD[16:23]
HSTL/SST
L_2 input
Transmit data terminals, channels B–D. When PSYNC is low, parallel data on this
bus is clocked on the rising and falling edges of the transmit channel clock (TCB,
TCC, TCD). When PSYNC is high, data on these buses is clocked on the rising and
falling edges of TCA.
TDD[0:7]
R8, T8, U8,
N9, P9, R9,
N10, P10
TXD[24:31]
TDB8
TDC8
TDD8
H16
K16
R10
TXC1
TXC2
TXC3
HSTL/SST
L_2 input
Transmit data/KGEN, channels B–D. When PSYNC is low, data on these terminals
is clocked on the rising and falling edges of the transmit channel clock (TCB, TCC,
or TCD). When PSYNC is high, data on these terminals is clocked on the rising and
falling edges of TCA.
When CODE is low, these terminals are the ninth bit of an 8-b/10-b encoded byte
to be transmitted. When CODE is high, these terminals act as the K-character
generator indicator. When driven high, these terminals cause the data on TDx(0−7)
to be encoded into a K-character.
TDB9
TDC9
TDD9
J13
J15
T10
N/A
HSTL/SST
L_2 input
Transmit data terminal, channels B–D. When PSYNC is low, data on these terminals
is clocked on the rising and falling edges of the transmit channel clock (TCB, TCC,
TCD). When PSYNC is high, data on these terminals is clocked on the rising and
falling edges of TCA.
When CODE is low, these terminals are the tenth bit of an 8-b/10-b encoded byte.
When CODE is high, these terminals are ignored.
Table 2−4. JTAG Test Port Interface
TERMINAL
TYPE
DESCRIPTION
NAME
NUMBER
TYPE
DESCRIPTION
TCLK
A3
LVTTL input
JTAG clock. TCLK clocks state information and test data into and out of the device during the
operation of the test port.
TDI
B3
LVTTL input†
JTAG input data. TDI serially shifts test data and test instructions into the device during the
operation of the test port.
TDO
A2
LVTTL output
JTAG output data. TDO serially shifts test data and test instructions out of the device during
operation of the test port. When the JTAG port is not in use, TDO is in a high-impedance state.
TMS
B2
LVTTL input†
JTAG mode select. TMS controls the state of the internal test-port controller.
† With an internal pullup resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com